| データシートサーチシステム |
|
CTM3051VT1 データシート(PDF) 9 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
CTM3051VT1 データシート(HTML) 9 Page - CT Micro International Corporation |
|
9 / 10 page ![]() CT Micro Rev 2 Proprietary & Confidential Page 9 Mar, 2015 CTM3051, CTM3052, CTM3053 600V Random Phase 4-Pin Mini-Flat Phototriac Optocoupler Reflow Profile Profile Feature Pb-Free Assembly Profile Temperature Min. (Tsmin) 150°C Temperature Max. (Tsmax) 200°C Time (ts) from (Tsmin to Tsmax) 60-120 seconds Ramp-up Rate (tL to tP) 3°C/second max. Liquidous Temperature (TL) 217°C Time (tL) Maintained Above (TL) 60 – 150 seconds Peak Body Package Temperature 260°C +0°C / -5°C Time (tP) within 5°C of 260°C 30 seconds Ramp-down Rate (TP to TL) 6°C/second max Time 25°C to Peak Temperature 8 minutes max. |