| データシートサーチシステム |
|
CDBA140GS データシート(PDF) 2 Page - Comchip Technology |
|
|
|||||||||||||||||||||||||||||
CDBA140GS データシート(HTML) 2 Page - Comchip Technology |
|
2 / 2 page ![]() 50 Rating and Characteristic Curves (CDBA120 GS Thru CDBA1100GS) Fig. 1 - Reverse Characteristics Percent of Rated Peak Reverse Voltage (%) Fig. 4 - Current Derating Curve 0 0.6 1.2 160 20 40 60 80 100 120 140 www.comchip.com.tw COMCHIP COMCHIP 0 20 40 60 80 100 120 140 160 180 200 Forward Voltage (V) Fig.2 - Forward Characteristics 0.01 0.1 1.0 10 100 50 MDS0208007C Page 2 Fig. 3 - Junction Capacitance Reverse Voltage (V) 0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 0 100 150 350 SMD Schottky Barrier Rectifier SMD Schottky Barrier Rectifier 0.2 0.4 1.0 0.8 300 250 200 Fig. 5 - Non repetitive forward surge current 0 10 20 40 30 1 5 10 50 1 00 Number of Cycles at 60Hz 1 100 10 0.1 0.01 1 100 10 0.1 0.01 Tj=75 C Tj=25 C Tj=25 C Pulse width 300uS 4% duty cycle Tj=25 C Ambient Temperature ( C) 8.3mS Single Half Sine Wave JEDEC methode CDBA180-1100 GS CDBA160 GS =1MHz and applied 4VDC reverse voltage CDBA120-140 GS |