| データシートサーチシステム |
|
H11L2ST2G データシート(PDF) 2 Page - CT Micro International Corporation |
|
|
|||||||||||||||||||||||||||||
H11L2ST2G データシート(HTML) 2 Page - CT Micro International Corporation |
|
2 / 11 page ![]() CT Micro Rev 1 Proprietary & Confidential Page 2 Mar, 2014 H11L1, H11L2, H11L3 Schmitt Trigger Output 6-Pin Optocoupler Absolute Maximum Rating at 25oC Symbol Parameters Ratings Units Notes VISO Isolation voltage 5000 VRMS TOPR Operating temperature -55 ~ +100 oC TSTG Storage temperature -55 ~ +150 oC TSOL Soldering temperature 260 oC Emitter IF Forward current 60 mA IF(TRANS) Peak transient current (≤1µs P.W,300pps) 1 A VR Reverse voltage 6 V PD Power dissipation 100 mW Detector PD Power dissipation 150 mW Vo Output Voltage 0 to 16 V Vcc Supply Voltage 3 to 16 V Io Output Current 50 mA |