データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7330 データシート(PDF) 8 Page - STMicroelectronics

部品番号 TDA7330
部品情報  SINGLE CHIP RDS DEMODULATOR FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7330 データシート(HTML) 8 Page - STMicroelectronics

  TDA7330 Datasheet HTML 1Page - STMicroelectronics TDA7330 Datasheet HTML 2Page - STMicroelectronics TDA7330 Datasheet HTML 3Page - STMicroelectronics TDA7330 Datasheet HTML 4Page - STMicroelectronics TDA7330 Datasheet HTML 5Page - STMicroelectronics TDA7330 Datasheet HTML 6Page - STMicroelectronics TDA7330 Datasheet HTML 7Page - STMicroelectronics TDA7330 Datasheet HTML 8Page - STMicroelectronics TDA7330 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
11
0
11
20
A
e
B
D
E
L
K
H
A1
C
SO20MEC
h x 45˚
SO20
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.35
2.65
0.093
0.104
A1
0.1
0.3
0.004
0.012
B
0.33
0.51
0.013
0.020
C
0.23
0.32
0.009
0.013
D
12.6
13
0.496
0.512
E
7.4
7.6
0.291
0.299
e
1.27
0.050
H
10
10.65
0.394
0.419
h
0.25
0.75
0.010
0.030
L
0.4
1.27
0.016
0.050
K
0˚ (min.)8˚ (max.)
OUTLINE AND
MECHANICAL DATA
TDA7330B
8/9



Html Pages

1 2 3 4 5 6 7 8 9