| データシートサーチシステム |
|
PIC16F877AI/ML データシート(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F877AI/ML データシート(HTML) 80 Page - Microchip Technology |
|
80 / 234 page ![]() PIC16F87XA DS39582B-page 78 2003 Microchip Technology Inc. FIGURE 9-5: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 0) FIGURE 9-6: SPI MODE WAVEFORM (SLAVE MODE WITH CKE = 1) SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 0) CKE = 0) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Optional Next Q4 Cycle after Q2 ↓ SCK (CKP = 1 SCK (CKP = 0 Input Sample SDI bit 7 bit 0 SDO bit 7 bit 6 bit 5 bit 4 bit 3 bit 2 bit 1 bit 0 SSPIF Interrupt (SMP = 0) CKE = 1) CKE = 1) (SMP = 0) Write to SSPBUF SSPSR to SSPBUF SS Flag Not Optional Next Q4 Cycle after Q2 ↓ |