データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CLC446AMC データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 CLC446AMC
部品情報  400MHz, 50mW Current-Feedback Op Amp
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC446AMC データシート(HTML) 4 Page - National Semiconductor (TI)

  CLC446AMC Datasheet HTML 1Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 2Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 3Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 4Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 5Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 6Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 7Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 8Page - National Semiconductor (TI) CLC446AMC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
http://www.national.com
4
The CLC446 has a current-feedback architecture built in
an advanced complementary bipolar process. The key
features of current-feedback are:
s
AC bandwidth is independent of voltage gain
s
Unity-gain stability
s
Frequency response may be adjusted with Rf
s
High slew rate
s
Low variation in performance for a wide range
of gains, signal levels and loads
s
Fast settling
Current-feedback operation can be explained with a
simple model. The voltage gain for the circuits in Figures
1 and 2 is approximately:
where
s
Av is the DC voltage gain
s
Rf is the feedback resistor
s
Z(j
ω) is the CLC446’s open-loop
transimpedance gain
s
is the loop-gain
The denominator of the equation above is approximately
1
at
low
frequencies.
Near
the
-3dB
corner
frequency, the interaction between Rf and Z(jω)
dominates the circuit performance. Increasing Rf does
the following:
s
Decreases loop-gain
s
Decreases bandwidth
s
Lowers pulse response overshoot
s
Reduces gain peaking
s
Affects frequency response phase linearity
CLC446 Operation
The following topics will supply you with:
s
Design parameters, formulas and techniques
s
Interfaces
s
Application circuits
s
Layout techniques
s
SPICE model information
DC Gain (non-inverting)
The non-inverting DC voltage gain for the configuration
shown in Figure 1 is
.
The normalized gain plots in the
Typical Performance
Characteristics
section
show
different
feedback
resistors (Rf) for different gains. These values of Rf are
recommended for obtaining the highest bandwidth with
minimal peaking. The resistor Rt provides DC bias for
the non-inverting input.
For Av < 5, use linear interpolation on the nearest Av val-
ues to calculate the recommended value of Rf. For Av ≥
5, the minimum recommended Rf is 200Ω.
Select Rg to set the DC gain:
.
DC gain accuracy is usually limited by the tolerance of Rf
and Rg.
Figure 1: Non-Inverting Gain
+
-
CLC446
Fi
Rf
0.1
µF
6.8
µF
Vo
Vin
VCC
0.1
µF
6.8
µF
VEE
3
2
4
7
6
+
+
Rg
Rt
Typical Performance Characteristics (VCC = ±5V, Av = +2, R
f = 249Ω
Ω,, R
L = 100Ω
Ω; unless specified)
Short Term Settling Time
Time (sec)
0.2
0.1
-0.2
1n
10n
100n
0
-0.1
1
µ
10
µ
VO = 2V step
Long Term Settling Time
Time (s)
0.2
0.1
-0.2
1
µ
10
µ
100
µ
0
-0.1
1m
10m
100m
1
VO = 2V step
V
V
A
1
R
Zj
o
in
v
f
=
+ ()ω
Zj
Rf
ω
()
A1
R
R
v
f
g
=+
R
R
A1
g
f
v
=
−
CLC446 Design Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12