| データシートサーチシステム |
|
CLC522ALC データシート(PDF) 2 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CLC522ALC データシート(HTML) 2 Page - National Semiconductor (TI) |
|
2 / 8 page ![]() CLC522 Electrical Characteristics (V CC = ±5V; AVmax = +10; Rf =1k Ω Ω Ω Ω Ω; R g =182W; RL = 100 Ω Ω Ω Ω Ω; V g=+1.1V) Ordering Information supply voltage ±7V short circuit current 80mA common-mode input voltage ±V cc maximum junction temperature +150°C storage temperature -65°C to+150°C lead temperature (soldering 10 sec) +300°C transistor count 74 Absolute Maximum Ratings Notes 1) AJE (SOIC) is tested/guaranteed with Rf=866Ω and Rg= 165Ω. 2) J-level, spec is 100% tested at +25°C. 3) Specified with Vin = 0.2V and Vg < 0.5Vpp. 4) Feedtrough is specified at max. attenuation (i.e Vg =-1.1V) http://www.national.com 2 Model Temperature Range Description CLC522AJP -40°C to +85°C 14-pin PDIP CLC522AJE -40°C to +85°C 14-pin SOIC CLC522ALC -40°C to +85°C dice CLC522AMC -55°C to +125°C dice, MIL-STD-883 PARAMETERS CONDITIONS TYP MIN/MAX RATINGS UNITS NOTES Ambient Temperature AJ +25 +25 0 to +70 -40 to +85 °C 1 FREQUENCY DOMAIN RESPONSE -3dB bandwidth Vout < 0.5Vpp 165 120 115 110 MHz V out < 5.0Vpp 150 100 95 90 MHz gain control bandwidth V out < 0.5Vpp 165 120 115 110 MHz 3 gain flatness Vout < 0.5Vpp peaking DC to 30MHz 0 0.1 0.1 0.1 dB rolloff DC to 30MHz 0.05 0.25 0.25 0.4 dB linear phase deviation DC to 60MHz 0.3 1.0 1.1 1.2 ° feedthrough 30MHz - 62 - 57 - 57 -57 dB 4 TIME DOMAIN RESPONSE rise and fall time 0.5V step 2.2 2.9 3.0 3.2 ns 5.0V step 3.0 5.0 5.0 5.0 ns settling time 2.0V step to 0.1% 12 18 18 18 ns overshoot 0.5V step 2 15 15 15 % slew rate 4.0V step 2000 1400 1400 1400 V/ µs DISTORTION AND NOISE RESPONSE 2nd harmonic distortion 2Vpp, 20MHz - 50 - 44 - 44 -44 dBc 3rd harmonic distortion 2V pp, 20MHz - 65 - 58 - 56 -54 dBc equivalent input noise 1 to 200MHz 5.8 6.2 6.5 6.8 nV/ √Hz noise floor 1 to 200MHz - 152 - 150 - 149 - 149 dBm1Hz GAIN ACCURACY signal channel nonlinearity (SGNL)V out = ±2Vpp 0.04 0.1 0.1 0.1 % 2 gain control nonlinearity (GCNL) full range 0.5 2.0 2.2 3.0 % 2 gain error (GACCU)AVmax=+10 ± 0.0 ± 0.5 ± 0.5 ± 1.0 dB 2 Vg high + 990 + 990±60 + 990±60 + 990±60 mV low - 975 - 975±80 - 975±80 - 975±80 mV STATIC DC PERFORMANCE Vin voltage range common mode ± 2.2 ± 1.2 ± 1.2 ± 1.4 V bias current 9 21 26 45 µA2 average drift 65 --- 175 275 nA/°C offset current 0.2 2.0 3.0 4.0 µA average drift 5 --- 30 40 nA/°C resistance 1500 650 450 175 k Ω capacitance 1.0 2.0 2.0 2.0 pF Vg bias current 15 38 47 82 µA average drift 125 --- 300 600 nA/°C resistance 100 38 30 15 k Ω capacitance 1.0 2.0 2.0 2.0 pF output voltage range RL= ∞ ± 4.0 ± 3.7 ± 3.6 ± 3.5 V current ± 70 ± 47 ± 40 ± 25 mA offset voltage AVmax=+10 25 85 95 120 mV 2 average drift 100 --- 350 400 µV/°C resistance 0.1 0.2 0.3 0.6 Ω IRgmax 1.8 1.37 1.26 1.15 mA power supply sensitivity output referred 10 40 40 40 mV/V common-mode rejection ratio input referred 70 59 59 59 dB supply current R L= ∞ 46 61 62 63 mA 2 Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are determined from tested parameters. Package Thermal Resistance Package θ JC θ JA Plastic (AJP) 55°C/W 100°C/W Surface Mount (AJE) 35°C/W 105°C/W CerDIP 40°C/W 95°C/W |