データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

COP688CL データシート(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 COP688CL
部品情報  General Description
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP688CL データシート(HTML) 16 Page - National Semiconductor (TI)

Back Button COP688CL Datasheet HTML 12Page - National Semiconductor (TI) COP688CL Datasheet HTML 13Page - National Semiconductor (TI) COP688CL Datasheet HTML 14Page - National Semiconductor (TI) COP688CL Datasheet HTML 15Page - National Semiconductor (TI) COP688CL Datasheet HTML 16Page - National Semiconductor (TI) COP688CL Datasheet HTML 17Page - National Semiconductor (TI) COP688CL Datasheet HTML 18Page - National Semiconductor (TI) COP688CL Datasheet HTML 19Page - National Semiconductor (TI) COP688CL Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 40 page
background image
Timers (Continued)
TLDD9766 – 13
FIGURE 7 Timer in PWM Mode
The underflows can be programmed to toggle the TxA out-
put pin The underflows can also be programmed to gener-
ate interrupts
Underflows from the timer are alternately latched into two
pending flags TxPNDA and TxPNDB The user must reset
these pending flags under software control Two control en-
able flags TxENA and TxENB allow the interrupts from the
timer underflow to be enabled or disabled Setting the timer
enable flag TxENA will cause an interrupt when a timer un-
derflow causes the RxA register to be reloaded into the tim-
er Setting the timer enable flag TxENB will cause an inter-
rupt when a timer underflow causes the RxB register to be
reloaded into the timer Resetting the timer enable flags will
disable the associated interrupts
Either or both of the timer underflow interrupts may be en-
abled This gives the user the flexibility of interrupting once
per PWM period on either the rising or falling edge of the
PWM output Alternatively the user may choose to interrupt
on both edges of the PWM output
Mode 2 External Event Counter Mode
This mode is quite similar to the processor independent
PWM mode described above The main difference is that
the timer Tx is clocked by the input signal from the TxA pin
The Tx timer control bits TxC3 TxC2 and TxC1 allow the
timer to be clocked either on a positive or negative edge
from the TxA pin Underflows from the timer are latched into
the TxPNDA pending flag Setting the TxENA control flag
will cause an interrupt when the timer underflows
In this mode the input pin TxB can be used as an indepen-
dent positive edge sensitive interrupt input if the TxENB
control flag is set The occurrence of a positive edge on the
TxB input pin is latched into the TxPNDB flag
Figure 8 shows a block diagram of the timer in External
Event Counter mode
Note
The PWM output is not available in this mode since the TxA pin is
being used as the counter input clock
TLDD9766 – 14
FIGURE 8 Timer in External Event Counter Mode
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40