| データシートサーチシステム |
|
MSK5979RH データシート(PDF) 7 Page - M.S. Kennedy Corporation |
|
|
|||||||||||||||||||||||||||||
MSK5979RH データシート(HTML) 7 Page - M.S. Kennedy Corporation |
|
7 / 8 page ![]() MECHANICAL SPECIFICATIONS 7 ORDERING INFORMATION The above example is an adjustable Class K regulator with leads bent up. LEAD CONFIGURATIONS S= STRAIGHT; U= BENT UP; D= BENT DOWN RADIATION HARDENED SCREENING BLANK= INDUSTRIAL H=MIL-PRF-38534 CLASS H K=MIL-PRF-38534 CLASS K GENERAL PART NUMBER MSK5979 K RH U ESD TRIANGLE INDICATES PIN 1 WEIGHT=3.2 GRAMS TYPICAL ALL DIMENSIONS ARE SPECIFIED IN INCHES 8548-133 Rev. B 8/15 |