| データシートサーチシステム |
|
ASBSM4-LED3 データシート(PDF) 54 Page - Lumberg |
|
|
|||||||||||||||||||||||||||||
ASBSM4-LED3 データシート(HTML) 54 Page - Lumberg |
|
54 / 178 page ![]() 1-717-217-2299 www.lumberg-automationusa.com 54 7/8”-Female - 2x7/8” Female/Male T-Splitter, 3-Poles with One 7/8” Female, One 7/8” Female and One 7/8” Male Connector, IP 67 Rated. – especially suitable for DeviceNet and CANopen modules with 7/8” bus connection – 7/8”-Female - 2x7/8” Female/Male T-Splitter, 4-Poles with One 7/8” Female, One 7/8” Male and One 7/8” Female Connector, IP 67 Rated. – especially suitable for Auxillary Power with 7/8” power connection – M23-Female - 2xM23 Male/Male T-Splitter, 6-Poles with One M23 Female, and Two M23 Male Connectors, IP 67 Rated. – especially suitable for Profibus and Interbus modules – M23-Female - 2xM23 Male/Female T-Splitter, 12-Poles with One M23 Female, One M23 Male and One M23 Female Connector, IP 67 Rated. – especially suitable for Profibus Modules with M23 Bus Connection for separate feeding of Power Supply (System/Sensor System) and Profibus signals – 0906 UTP 303 0906 UTP 312 0906 UTP 201 0906 UTP 202 T-Splitters and Adapters 7/8”-T-Distributor, M23-T-Distributor Part No. 0906 UTP 303 Part No. 0906 UTP 312 Part No. 0906 UTP 201 Part No. 0906 UTP 202 7/8” 7/8” A 7/8” B 7/8” 7/8” A 7/8” B M12-Female - 2x7/8” Male/Female T-Splitter, 5-Poles with One M12 Female, One 7/8” Male and One 7/8” Female Connector, IP 67 Rated. – especially suitable for DeviceNet modules with M12 bus connection – 0906 UTP 302 M12 7/8” A 7/8” B Part No. 0906 UTP 302 |