| データシートサーチシステム |
|
TTP259-ASFN データシート(PDF) 48 Page - Tontek Design Technology |
|
|
|||||||||||||||||||||||||||||
TTP259-ASFN データシート(HTML) 48 Page - Tontek Design Technology |
|
48 / 81 page ![]() Preliminary TTP259 TonTouch TM 2015/05/25 Page 48 of 81 Ver: 1.1 2. For more than two byte data: SET IICIE=1 SET STIE=1 SET IICEN=1 CLEAR IICF CLEAR STIF SET IICMOD=1 SET ADR[0..2] WRITE FIRST TWO BYTE DATA TO IICRDAT(L/H)0 ~1 SET DATACNT=0 IIC INITIAL RTS CHECK STIF=1 CLEAR STIF WRITE FIRST TWO BYTE DATA TO IICRDAT(L/H)0~1 NO YES SET DATACNT=0 CHECK IICF=1 DATACNT+1 CLEAR IICF LAST DATA? WRITE NEXT TWO BYTE DATA TO IICRDAT(L/H)0~1 WRITE FIRST TWO BYTE DATA TO IICRDAT(L/H)0~1 SET DATACNT=0 YES NO NO YES INT PROGRAM RTI |