| データシートサーチシステム |
|
TTP239 データシート(PDF) 11 Page - Tontek Design Technology |
|
|
|||||||||||||||||||||||||||||
TTP239 データシート(HTML) 11 Page - Tontek Design Technology |
|
11 / 16 page ![]() TTP239 2016/3/7 Page 11 of 16 Version:1.1 from master NOT ACK Stop from slave ACK Start Slave Address Data_0 B0 B1 B2 B3 B4 B5 B6 B7 R A0 Note : Data_0 : B7~B0 are TP0~TP7 on/off status. 0 is key off, 1 is key on. Figure 7-2-1. Read Operation Sequence START Condition P STOP condition Change Data Data or ACK Valid SCL S SDA Figure 7-2-2. Data Transmission Sequence Condition STOP ACK P 9 Condition START DATA ACK R/W ADDRESS S 8 1 - 7 9 8 1 - 7 SCL SDA Figure 7-2-3. A complete data transfer BUF t SU;STO r t r t t HD;STA t SU;STA t f t f t SU;DAT t HIGH t HD;STA t HD;DAT t LOW t S P Sr S SCL SDA Figure 7-2-4. Definition of timing for F/S-mode devices on the I2C-bus |