| データシートサーチシステム |
|
AD8030ARJ-R2 データシート(PDF) 1 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8030ARJ-R2 データシート(HTML) 1 Page - Analog Devices |
|
1 / 20 page ![]() Low Power, High Speed Rail-to-Rail Input/Output Amplifier AD8029/AD8030/AD8040 Rev. A Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and registered trademarks are the property of their respective owners. One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 781.329.4700 www.analog.com Fax: 781.326.8703 © 2003 Analog Devices, Inc. All rights reserved. FEATURES Low power 1.3 mA supply current/amplifier High speed 125 MHz, –3 dB bandwidth (G = +1) 60 V/µs slew rate 80 ns settling time to 0.1% Rail-to-rail input and output No phase reversal, inputs 200 mV beyond rails Wide supply range: 2.7 V to 12 V Offset voltage: 6 mV max Low input bias current +0.7 µA to –1.5 µA Small packaging SOIC-8, SC70-6, SOT23-8, SOIC-14, TSSOP-14 APPLICATIONS Battery-powered instrumentation Filters A-to-D drivers Buffering CONNECTION DIAGRAMS NC = NO CONNECT NC 1 –IN 2 +IN 3 –VS 4 DISABLE +VS VOUT NC 8 7 6 5 VOUT 1 –VS 2 +IN 3 5 DISABLE 6 +VS 4 –IN +– Figure 1. SOIC-8 (R) Figure 2. SC70-6 (KS) VOUT 1 1 –IN 1 2 +IN 1 3 –VS 4 +VOUT 2 +VS –IN 2 +IN 2 8 7 6 5 +VS 4 +IN 2 5 –IN 2 6 VOUT 2 7 +IN 3 –VS –IN 3 VOUT 3 11 10 9 8 VOUT 1 1 –IN 1 2 +IN 1 3 VOUT 4 –IN 4 +IN 4 14 13 12 Figure 3. SOIC-8(R) and SOT23-8 (RJ) Figure 4. SOIC-14 (R) and TSSOP-14 (RU) GENERAL DESCRIPTION The AD8029 (single), AD8030 (dual), and AD8040 (quad) are rail-to-rail input and output high speed amplifiers with a quiescent current of only 1.3 mA per amplifier. Despite their low power consumption, the amplifiers provide excellent performance with 125 MHz small signal bandwidth and 60 V/µs slew rate. ADI’s proprietary XFCB process enables high speed and high performance on low power. This family of amplifiers exhibits true single-supply operation with rail-to-rail input and output performance for supply voltages ranging from 2.7 V to 12 V. The input voltage range extends 200 mV beyond each rail without phase reversal. The dynamic range of the output extends to within 40 mV of each rail. The AD8029/AD8030/AD8040 provide excellent signal quality with minimal power dissipation. At G = +1, SFDR is –72 dBc at 1 MHz and settling time to 0.1% is only 80 ns. Low distortion and fast settling performance make these amplifiers suitable drivers for single-supply A/D converters. The versatility of the AD8029/AD8030/AD8040 allows the user to operate the amplifiers on a wide range of supplies while consuming less than 6.5 mW of power. These features extend the operation time in applications ranging from battery- powered systems with large bandwidth requirements to high speed systems where component density requires lower power dissipation. The AD8029/AD8030 are the only low power, rail-to-rail input and output high speed amplifiers available in SOT23 and SC70 micro packages. The amplifiers are rated over the extended industrial temperature range, –40°C to +125°C. TIME ( µs) 03679-A-010 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 1 µs/DIV G = +1 VS = +5V RL = 1kΩ TIED TO MIDSUPPLY INPUT OUTPUT Figure 5. Rail-to-Rail Response |
同様の部品番号 - AD8030ARJ-R2 |
|
同様の説明 - AD8030ARJ-R2 |