| データシートサーチシステム |
|
C0805H393DGGACTU データシート(PDF) 9 Page - Kemet Corporation |
|
|
|||||||||||||||||||||||||||||
C0805H393DGGACTU データシート(HTML) 9 Page - Kemet Corporation |
|
9 / 26 page ![]() © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com C1069_C0G_HV_HT_200C • 3/24/2016 9 Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs) HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade) Capacitance Cap Code Case Size/Series C1812H C1825H C2220H C2225H Voltage Code C B D F G C B D F G C B D F G C B D F G Rated Voltage (VDC) Capacitance Tolerance Product Availability and Chip Thickness Codes See Table 2 for Chip Thickness Dimensions 5,100 pF 512 F G J K M GH GK GO HG HE HG HK JK JK JK JL KE KF KF KH 5,600 pF 562 F G J K M GH GK GO HG HE HG HK JK JK JK JN KE KF KF KH 6,200pF 622 F G J K M GH GK HG HE HG JK JE JE JN KE KF KF KJ 6,800pF 682 F G J K M GH GM HG HE HJ JK JE JK JN KE KF KF KJ 7,500pF 752 F G J K M GH GM HG HE HJ JK JE JK KF KE KF 8,200 pF 822 F G J K M GK GO HG HE HJ JK JE JL KF KE KF 9,100 pF 912 GM GO HE HG HK JE JE JL KF KE KH 10,000 pF 103 GM GO HE HG HK JE JE JL KF KE KH 12,000 pF 123 GO HE HG JE JK JN KE KE KH 15,000 pF 153 GO HE HJ JE JL KE KF KJ 18,000 pF 183 HG HK JE JL KE KH 22,000 pF 223 HJ JK JN KF KJ 27,000 pF 273 HJ JL JN KF KJ 33,000 pF 333 HK JN KH 39,000 pF 393 KJ Capacitance Cap Code Rated Voltage (VDC) Voltage Code C B D F G C B D F G C B D F G C B D F G Case Size/Series C1812H C1825H C2220H C2225H Table 1B – Capacitance Range/Selection Waterfall (1812 – 2225 Case Sizes) cont’d *Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91) KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within the same form factor (configuration and dimensions). These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts.. |