データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3KBP005M データシート(PDF) 2 Page - Vishay Siliconix

部品番号 3KBP005M
部品情報  Glass Passivated Single-Phase Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3KBP005M データシート(HTML) 2 Page - Vishay Siliconix

  3KBP005M Datasheet HTML 1Page - Vishay Siliconix 3KBP005M Datasheet HTML 2Page - Vishay Siliconix 3KBP005M Datasheet HTML 3Page - Vishay Siliconix 3KBP005M Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
3KBP005M, 3KBP01M, 3KBP02M, 3KBP04M, 3KBP06M, 3KBP08M
www.vishay.com
Vishay General Semiconductor
Revision: 27-Jun-13
2
Document Number: 88888
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Thermal resistance from junction to ambient and from junction to lead mounted on PCB with, 0.47" x 0.47" (12 mm x 12 mm) copper pads
RATINGS AND CHARACTERISTICS CURVES (TA = 25 C unless otherwise noted)
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Per Diode
Fig. 3 - Typical Forward Characteristics Per Diode
Fig. 4 - Typical Forward Characteristics Per Diode
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
3KBP005M
3KBP01M 3KBP02M 3KBP04M 3KBP06M 3KBP08M
UNIT
Typical thermal resistance (1)
RJA
30
°C/W
RJL
11
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
3KBP06M-E4/51
1.912
51
600
Anti-static PVC tray
0
20
40
60
80
100
120
140
160
0
1
2
3
4
60 Hz
Resistive or
Inductive Load
With Heat Sink
Without Heat Sink
Heat Sink Mounting:
3.0 x 3.0 x 0.11" Thick
(7.5 x 7.5 x 0.3 cm) Al. Plate
Ambient Temperature (°C)
1
10
100
0
20
40
60
80
100
Number of Cycles at 60 Hz
0.5
0.4
0.6
0.8
1.0
1.2
1.1
0.01
0.1
1
10
0.7
0.9
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
10
20
40
60
80
100
0.01
0.1
1
10
100
30
50
70
90
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C



Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com