| データシートサーチシステム |
|
HLSR-SM データシート(PDF) 12 Page - LEM |
|
|
|||||||||||||||||||||||||||||
HLSR-SM データシート(HTML) 12 Page - LEM |
|
12 / 13 page ![]() Page 12/13 16December2013/Version 5 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice www.lem.com HLSR-SM series HLSR-SM series, PCB footprint (in mm. General linear tolerance ± 0.2 mm) Assembly on PCB ● Pb free reflow profile ● No clean process only Safety This transducer must be used in limited-energy secondary circuits according to IEC 61010-1. This transducer must be used in electric/electronic equipment with respect to applicable standards and safety requirements in accordance with the manufacturer’s operating instructions. Caution, risk of electrical shock When operating the transducer, certain parts of the module can carry hazardous voltage (eg. primary busbar, power supply). Ignoring this warning can lead to injury and/or cause serious damage. This transducer is a build-in device, whose conducting parts must be inaccessible after installation. A protective housing or additional shield could be used. Main supply must be able to be disconnected. d CI d Cp |