データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HO60-P データシート(PDF) 11 Page - LEM

部品番号 HO60-P
部品情報  Current Transducer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LEM [LEM]
ホームページ  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO60-P データシート(HTML) 11 Page - LEM

Back Button HO60-P Datasheet HTML 7Page - LEM HO60-P Datasheet HTML 8Page - LEM HO60-P Datasheet HTML 9Page - LEM HO60-P Datasheet HTML 10Page - LEM HO60-P Datasheet HTML 11Page - LEM HO60-P Datasheet HTML 12Page - LEM HO60-P Datasheet HTML 13Page - LEM HO60-P Datasheet HTML 14Page - LEM HO60-P Datasheet HTML 15Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Page 11/15
16July2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 60 .. 250-P series
Maximum continuous DC current
For all ranges:
Important notice: whatever the usage and/or application, the transducer primary bar / jumper temperature shall not go above the
maximum rating of 120 °C as stated in page 2 of this datasheet.
0
50
100
150
200
250
300
-40
-20
0
20
40
60
80
100
120
140
TA
HO 60-P
HO 100-P
HO 120-P
HO 180-P
HO 240-P
HO 250-P
(°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15