| データシートサーチシステム |
|
MB9B360R データシート(PDF) 33 Page - Cypress Semiconductor |
|
|
|||||||||||||||||||||||||||||
MB9B360R データシート(HTML) 33 Page - Cypress Semiconductor |
|
33 / 166 page ![]() Document Number: 002-04872 Rev.*A Page 33 of 166 MB9B360R Series Pin function Pin name Function description Pin No LQFP 120 LQFP 100 LQFP 80 QFP 100 BGA 112 BGA 144 External Interrupt INT00_0 External interrupt request 00 input pin 2 2 2 80 C1 C1 INT00_1 95 80 65 58 A10 B10 INT00_2 108 - - - - C6 INT01_0 External interrupt request 01 input pin 3 3 3 81 C2 C2 INT01_1 101 86 - 64 C8 C8 INT01_2 85 - - - - E10 INT02_0 External interrupt request 02 input pin 6 6 6 84 D2 D3 INT02_1 62 52 41 30 L13 L12 INT02_2 82 - - - - E13 INT03_0 External interrupt request 03 input pin 113 93 73 71 C5 B5 INT03_1 65 55 44 33 K12 J12 INT03_2 54 - - - - M10 INT04_0 External interrupt request 04 input pin 17 12 12 90 F3 G3 INT04_1 114 94 74 72 B5 C4 INT04_2 10 - - - - E4 INT05_0 External interrupt request 05 input pin 89 74 - 52 C12 C12 INT05_1 75 65 54 43 G12 G12 INT05_2 21 16 - 94 H2 H3 INT06_1 External interrupt request 06 input pin 88 73 59 51 C13 D11 INT06_2 22 17 - 95 H3 H4 INT07_1 External interrupt request 07 input pin 11 - - - - F1 INT07_2 7 7 7 85 E1 E1 INT08_1 External interrupt request 08 input pin 19 14 - 92 G2 H1 INT08_2 8 8 8 86 E2 E2 INT09_1 External interrupt request 09 input pin 20 15 - 93 G3 H2 INT09_2 15 10 10 88 F1 G1 INT10_1 External interrupt request 10 input pin 16 11 11 89 F2 G2 INT10_2 112 - - - - C5 INT11_1 External interrupt request 11 input pin 50 45 35 23 L9 L8 INT11_2 110 - - - - A6 INT12_1 External interrupt request 12 input pin 32 27 - 5 N2 N2 INT12_2 96 81 66 59 A9 D9 INT13_1 External interrupt request 13 input pin 33 28 - 6 N3 L2 INT13_2 49 44 34 22 M9 M8 INT14_1 External interrupt request 14 input pin 68 58 47 36 J11 H12 INT14_2 53 - - - - K9 INT15_1 External interrupt request 15 input pin 52 - - - - L9 INT15_2 14 9 9 87 E3 F4 NMIX Non-Maskable Interrupt input pin 116 96 76 74 B3 B3 |