| データシートサーチシステム |
|
COP8SCR9 データシート(PDF) 45 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SCR9 データシート(HTML) 45 Page - National Semiconductor (TI) |
|
45 / 80 page ![]() 14.0 USART (Continued) 14.1 USART CONTROL AND STATUS REGISTERS The operation of the USART is programmed through three registers: ENU, ENUR and ENUI. 14.2 DESCRIPTION OF USART REGISTER BITS ENU — USART CONTROL AND STATUS REGISTER (Ad- dress at 0BA) PEN PSEL1 XBIT9/ CHL1 CHL0 ERR RBFL TBMT PSEL0 Bit 7 Bit 0 PEN: This bit enables/disables Parity (7- and 8-bit modes only). Read/Write, cleared on reset. PEN = 0 Parity disabled. PEN = 1 Parity enabled. PSEL1, PSEL0: Parity select bits. Read/Write, cleared on reset. PSEL1 = 0, PSEL0 = 0 Odd Parity (if Parity enabled) PSEL1 = 0, PSEL1 = 1 Even Parity (if Parity enabled) PSEL1 = 1, PSEL0 = 0 Mark(1) (if Parity enabled) PSEL1 = 1, PSEL1 = 1 Space(0) (if Parity enabled) XBIT9/PSEL0: Programs the ninth bit for transmission when the USART is operating with nine data bits per frame. For seven or eight data bits per frame, this bit in conjunction with PSEL1 selects parity. Read/Write, cleared on reset. CHL1, CHL0: These bits select the character frame format. Parity is not included and is generated/verified by hardware. 10138925 FIGURE 22. USART Block Diagram www.national.com 45 |