| データシートサーチシステム |
|
PCI9060ES データシート(PDF) 117 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES データシート(HTML) 117 Page - List of Unclassifed Manufacturers |
|
117 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 108 Version 1.02 J Mode Direct Slave Timing Diagram 8-64. (J Mode) PCI 9080 Direct Slave Burst Read from Local Bus Timing Diagram 8-65. (J Mode) PCI 9080 Direct Slave Burst Write to Local Bus, Bterm Enabled Timing Diagram 8-66. (J Mode) PCI 9080 DMA or Direct Slave Burst Write to Local Bus, Bterm Disabled Timing Diagram 8-67. (J Mode) Direct Slave in BIGEND Local Bus with BIGEND# Input or Internal Register Setting Timing Diagram 8-68. (J Mode) Direct Slave Read v2.1 Spec Timing Diagram 8-69. (J Mode) Direct Slave Read No Flush Mode (Read Ahead Mode) Timing Diagram 8-70. (J Mode) Local Bus Read from PCI 9080 CFG Registers Timing Diagram 8-71. (J Mode) Local Bus Write to PCI 9080 CFG Registers J Mode Direct Master Timing Diagram 8-72. (J Mode) Direct Master Read Access from PCI Bus (Keep PCI Bus If Read FIFO Full Mode), No PCI Disconnects Timing Diagram 8-73. (J Mode) Local Bus Direct Master Burst Write Access to PCI Bus, Continuous If Same Clock Rate and No PCI Disconnects Timing Diagram 8-74. (J Mode) Local Bus Direct Master Lock Memory Read Access from PCI Bus Followed by Write and Release J Mode DMA Timing Diagram 8-75. (J Mode) PCI 9080 DMA Local to PCI Timing Diagram 8-76. (J Mode) PCI 9080 DMA PCI to Local Bus Timing Diagram 8-77. (J Mode) DMA Read of Chaining Parameters Timing Diagram 8-78. (J Mode) PCI 9080 Write to Local Bus BREQ Asserted S Mode Timing Diagram 8-79. (S Mode) PCI 9080 DMA or Direct Slave Two Lword Burst Write to 16 Bit Local Bus Timing Diagram 8-80. (S Mode) Local Bus Read from PCI 9080 CFG Registers Timing Diagram 8-81. (S Mode) Local Bus Write to PCI 9080 CFG Registers |