| データシートサーチシステム |
|
PCI9060ES データシート(PDF) 130 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES データシート(HTML) 130 Page - List of Unclassifed Manufacturers |
|
130 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 121 Version 1.02 DOES NOT CHANGE, UNALIGNED HAS OWN CYCLE WITH ADS# D0 D1 D9 D2 D3 D4 D6 D7 D8 D5 D10 +32 A +4 +8 +12 +16 +36 +20 +24 +28 A+40 0ns 250ns 500ns LCLK LHOLD LHOLDA ADS# BLAST# LBE[3:0]# LW/R# LD[31:0] LA[31:2] BTERM# READYi# BREQ No wait states, burst enabled, Bterm enabled, 32 bit local bus. Owned by local processor or another bus master. DMA continues where it left off. Timing Diagram 8-17. (C Mode) Direct Slave or DMA Burst Write to 32 bit local bus Suspended by BREQ Input |