| データシートサーチシステム |
|
PCI9060ES データシート(PDF) 142 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES データシート(HTML) 142 Page - List of Unclassifed Manufacturers |
|
142 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 133 Version 1.02 ADDR R BYTE ENABLES D0 D1 W-A WBE W-DATA <-- CAN BE DEASSERTED AFTER LAST DATA D0 ADDR D1 D2 D3 D4 +4 +8 +12 +16 +20 D5 D6 D7 +24 +28 D8 +32 W-DATA W-ADDR DEASSERTED AFTER DETECTING PCI UNLOCK ---> 0ns 250ns 500ns 750ns CLK FRAME# AD[31:0] C/BE[3:0]# IRDY# DEVSEL# TRDY# LOCK# LCLK LHOLD LHOLDA ADS# BLAST# LA[31:2] LD[31:0] READYi# LLOCKo# Timing Diagram 8-29. (C Mode) Locked Direct Slave Read Followed by Write and Release (LLOCKo#) |