| データシートサーチシステム |
|
PCI9060ES データシート(PDF) 188 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PCI9060ES データシート(HTML) 188 Page - List of Unclassifed Manufacturers |
|
188 / 192 page ![]() SECTION 8 PCI 9080 TIMING DIAGRAMS ©PLX Technology, Inc., 1997 Page 179 Version 1.02 A ALL ZERO A+4 A+8 A+C D0 D1 D2 D3 0ns 100ns 200ns 300ns 400ns 500ns LCLK LHOLD LHOLDA ADS# ALE BLAST# LBE[3:0]# LW/R# LAD[31:0] DT/R# DEN# READYi# First Address A are bits [31:4] of next Descriptor Pointer Register. D0: PCI start address D1: Local start address D2: Transfer count (bytes) D3: Next descriptor pointer No wait states. Timing Diagram 8-77. (J Mode) DMA Read of Chaining Parameters |