データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS5530 データシート(PDF) 168 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 CS5530
部品情報  Geode??CS5530 I/O Companion Multi-Function South Bridge
PDF  241 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

CS5530 データシート(HTML) 168 Page - National Semiconductor (TI)

Back Button CS5530 Datasheet HTML 164Page - National Semiconductor (TI) CS5530 Datasheet HTML 165Page - National Semiconductor (TI) CS5530 Datasheet HTML 166Page - National Semiconductor (TI) CS5530 Datasheet HTML 167Page - National Semiconductor (TI) CS5530 Datasheet HTML 168Page - National Semiconductor (TI) CS5530 Datasheet HTML 169Page - National Semiconductor (TI) CS5530 Datasheet HTML 170Page - National Semiconductor (TI) CS5530 Datasheet HTML 171Page - National Semiconductor (TI) CS5530 Datasheet HTML 172Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 241 page
background image
www.national.com
168
Revision 4.1
Register Descriptions (Continued)
Index 94h
Suspend Modulation OFF Count Register (R/W)
Reset Value = 00h
7:0
Suspend Signal Deasserted Count: This 8-bit counter represents the number of 32 µs intervals that the SUSP#
pin will be deasserted to the GXLV processor. This counter, together with the Suspend Modulation ON Count Register (F0
Index 95h), perform the Suspend Modulation function for CPU power management. The ratio of the on-to-off count sets
up an effective (emulated) clock frequency, allowing the power manager to reduce CPU power consumption.
This counter is prematurely reset if an enabled speedup event occurs. The speedup events are IRQ speedups and video
speedups.
Index 95h
Suspend Modulation ON Count Register (R/W)
Reset Value = 00h
7:0
Suspend Signal Asserted Count: This 8-bit counter represents the number of 32 µs intervals that the SUSP# pin will be
asserted. This counter, together with the Suspend Modulation OFF Count Register (F0 Index 94h), perform the Suspend
Modulation function for CPU power management. The ratio of the on-to-off count sets up an effective (emulated) clock
frequency, allowing the power manager to reduce CPU power consumption.
This counter is prematurely reset if an enabled speedup event occurs. The speedup events are IRQ speedups and video
speedups.
Index 96h
Suspend Configuration Register (R/W)
Reset Value = 00h
7:3
Reserved: Set to 0.
2
Suspend Mode Configuration: “Special 3 Volt Suspend” mode to support powering down a GXLV processor during
Suspend: 0 = Disable; 1 = Enable.
1
SMI Speedup Configuration: Selects how Suspend Modulation function reacts when an SMI occurs:
0 = Use the IRQ Speedup Timer Count Register (F0 Index 8Ch) to temporarily disable Suspend Modulation when an SMI
occurs.
1 = Disable Suspend Modulation when an SMI occurs until a read to the SMI Speedup Disable Register (F1BAR+Memory
Offset 08h).
The purpose of this bit is to disable Suspend Modulation while the CPU is in the System Management Mode so that VSA
technology and Power Management operations occur at full speed. Two methods for accomplishing this are either to map
the SMI into the IRQ Speedup Timer Count Register (F0 Index 8Ch), or to have the SMI disable Suspend Modulation until
the SMI handler reads the SMI Speedup Disable Register (F1BAR+Memory Offset 08h). The latter is the preferred
method. The IRQ speedup method is provided for software compatibility with earlier revisions of the CS5530. This bit has
no effect if the Suspend Modulation feature is disabled (bit 0 = 0).
0
Suspend Modulation Feature Enable: Suspend Modulation feature: 0 = Disable; 1 = Enable.
When enabled, the SUSP# pin will be asserted and deasserted for the durations programmed in the
Suspend Modulation OFF/ON Count Registers (F0 Index 94h/95h).
Table 4-14. F0 Index xxh: PCI Header and Bridge Configuration Registers (Continued)
Bit
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com