| データシートサーチシステム |
|
FT260 データシート(PDF) 39 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT260 データシート(HTML) 39 Page - Future Technology Devices International Ltd. |
|
39 / 58 page ![]() Copyright © 2016 Future Technology Devices International Limited 39 FT260 HID-CLASS USB TO UART/I2C BRIDGE IC Version 1.0 Doc ument N o.: FT _001272 C learance N o.: FT DI#484 8 Application Examples The following diagrams show the possible applications of the FT260. The illustrations have omitted the electrical design for the power domain plan. For power details refer to Section 7. 8.1 USB HID-over-I2C Figure 8.1 Application Example 1: HID over I2C In Figure 8.1, a HID-over-I2C device can easily connect to USB by integrating the FT260 into the system. With an on-board EEPROM for customization, the FT260 can connect to both EEPROM and a HID class device with I2C slave interface simultaneously. DIO8 can be set as INTRIN, an interrupt input source from a HID class device for the requirement of the HID-over-I2C specification. With 1K Ohm pull up resistors on SCL and SDA, the I2C bus can run at HS mode. |