| データシートサーチシステム |
|
FT600Q データシート(PDF) 21 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT600Q データシート(HTML) 21 Page - Future Technology Devices International Ltd. |
|
21 / 32 page ![]() Copyright © 2016 Future Technology Devices International Limited 21 FT600Q-FT601Q IC DatasheetDatasheet Version 1.02 Doc ument N o.: FT _001118 C learance N o.: FT DI#424 6 USB Power Configurations The following sections illustrate possible USB power configurations for the FT60x. The illustrations have omitted pin numbers for ease of understanding since the pins differ between the FT600Q and FT601Q package options. All USB power configurations illustrated apply to both package options for the FT60x devices. Please refer to Section 3 for the package option pin-out and signal descriptions. 6.1 USB Bus-Powered Configuration Note: The reference designs here are for USB 3.0 Standard B or Micro-B connectors. Figure 6.1 Bus-Powered Configuration-3.3V I/O Figure 6.2 Bus-Powered Configuration-2.5V/1.8V I/O |