| データシートサーチシステム |
|
TDA8029HL/C2 データシート(PDF) 15 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TDA8029HL/C2 データシート(HTML) 15 Page - NXP Semiconductors |
|
15 / 58 page ![]() 2003 Oct 30 15 Philips Semiconductors Product specification Low power single card reader TDA8029 handbook, full pagewidth ÷12 MGW423 TR2 TL2 (8-bit) TH2 (8-bit) RCAP2L TF2 EXF2 RCAP2H C/T2 = 0 C/T2 = 1 T2 reload transition detector control control Timer 2 interrupt T2EX EXEN2 OSC Fig.3 Timer 2 in auto-reload mode with DCEN = 0. handbook, full pagewidth ÷12 MGW424 TR2 TL2 TH2 RCAP2L TF2 RCAP2H FFh FFh C/T2 = 0 C/T2 = 1 T2 overflow toggle control interrupt count direction HIGH = up LOW = down T2EX (up counting reload value) (down counting reload value) EXF2 OSC Fig.4 Timer 2 in auto-reload mode with DCEN = 1. |