データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC0832LCV データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DAC0832LCV
部品情報  8-Bit P Compatible, Double-Buffered D to A Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0832LCV データシート(HTML) 4 Page - National Semiconductor (TI)

  DAC0832LCV Datasheet HTML 1Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 2Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 3Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 4Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 5Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 6Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 7Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 8Page - National Semiconductor (TI) DAC0832LCV Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Electrical Characteristics (Continued)
V
REF=10.000 VDC unless otherwise noted. Boldface limits apply over temperature, TMIN≤TA≤TMAX. For all other limits
T
A=25˚C.
Parameter
Conditions
See
Note
V
CC = 4.75 VDC
V
CC = 15.75 VDC
V
CC =5 VDC ±5%
V
CC =12 VDC
±5%
to 15 V
DC ±5%
Limit
Units
Typ
(Note 12)
Tested
Limit
(Note 5)
Design
Limit
(Note 6)
CONVERTER CHARACTERISTICS
FS/˚C
Power Supply Rejection
All digital inputs latched high
V
CC=14.5V to 15.5V
0.0002
0.0025
%
11.5V to 12.5V
0.0006
FSR/V
4.5V to 5.5V
0.013
0.015
Reference
Max
15
20
20
k
Ω
Input
Min
15
10
10
k
Ω
Output Feedthrough
Error
V
REF=20 Vp-p, f=100 kHz
All data inputs latched low
3
mVp-p
Output
Leakage
Current Max
I
OUT1
All data inputs LJ & LCJ
10
100
100
nA
latched low
LCN, LCWM &
LCV
50
100
I
OUT2
All data inputs LJ & LCJ
100
100
nA
latched high
LCN, LCWM &
LCV
50
100
Output
I
OUT1
All data inputs
45
pF
Capacitance
I
OUT2
latched low
115
I
OUT1
All data inputs
130
pF
I
OUT2
latched
high
30
DIGITAL AND DC CHARACTERISTICS
Digital Input
Max
Logic Low
LJ:
4.75V
0.6
Voltages
LJ:
15.75V
0.8
LCJ:
4.75V
0.7
V
DC
LCJ:
15.75V
0.8
LCN, LCWM, LCV
0.95
0.8
Min
Logic High
LJ & LCJ
2.0
2.0
V
DC
LCN, LCWM, LCV
1.9
2.0
Digital Input
Max
Digital inputs <0.8V
Currents
LJ & LCJ
−50
−200
−200
µA
LCN, LCWM, LCV
−160
−200
µA
Digital inputs>2.0V
LJ & LCJ
0.1
+10
+10
µA
LCN, LCWM, LCV
+8
+10
Supply Current
Max
LJ & LCJ
1.2
3.5
3.5
mA
Drain
LCN, LCWM, LCV
1.7
2.0
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28