| データシートサーチシステム |
|
COP8CCR9KMT7 データシート(PDF) 16 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8CCR9KMT7 データシート(HTML) 16 Page - National Semiconductor (TI) |
|
16 / 84 page ![]() 8.0 Electrical Characteristics (Continued) DC Electrical Characteristics (−40˚C ≤ T A ≤ +125˚C) (Continued) Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. Parameter Conditions Min Typ Max Units Output Current Levels D Outputs Source V CC = 4.5V, VOH = 3.8V −6.3 mA Sink (Note 7) V CC = 4.5V, VOL = 1.0V 9 mA All Others Source (Weak Pull-Up Mode) V CC = 4.5V, VOH = 3.8V −9 µA Source (Push-Pull Mode) V CC = 4.5V, VOH = 3.8V −6.3 mA Sink (Push-Pull Mode) (Note 7) V CC = 4.5V, VOL = 1.0V 9 mA TRI-STATE Leakage V CC = 5.5V −3 +3 µA Allowable Sink Current per Pin 1mA Maximum Input Current without Latchup (Note 5) ±200 mA RAM Retention Voltage, V R (in HALT Mode) 2.0 V Input Capacitance 7pF Load Capacitance on D2 1000 pF Voltage on G6 to Force Execution from Boot ROM(Note 8) G6 rise time must be slower than 100 ns 2xV CC V CC +7 V G6 Rise Time to Force Execution from Boot ROM 100 nS Input Current on G6 when Input > V CC V IN = 11V, VCC = 5.5V 500 µA AC Electrical Characteristics (−40˚C ≤ T A ≤ +125˚C) Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. Parameter Conditions Min Typ Max Units Instruction Cycle Time (t C) Crystal/Resonator 4.5V ≤ V CC ≤ 5.5V 0.5 DC µs Output Propagation Delay R L =2.2k, CL = 100 pF Frequency of MICROWIRE/PLUS in Slave Mode 2 MHz MICROWIRE/PLUS Setup Time (t UWS)20 ns MICROWIRE/PLUS Hold Time (t UWH)20 ns MICROWIRE/PLUS Output Propagation Delay (t UPD) 150 ns Input Pulse Width Interrupt Input High Time 1 t C Interrupt Input Low Time 1 t C Timer 1 Input High Time 1 t C Timer 1 Input Low Time 1 t C Timer 2, 3 Input High Time (Note 6) 1 MCLK or t C Timer 2, 3 Input Low Time (Note 6) 1 MCLK or t C Output Pulse Width Timer 2, 3 Output High Time 150 ns Timer 2, 3 Output Low Time 150 ns USART Bit Time when using External CKX 6 CKI periods USART CKX Frequency when being Driven by Internal Baud Rate Generator 2 MHz Reset Pulse Width 0.5 t C tC = instruction cycle time. Note 10: Maximum rate of voltage change must be < 0.5 V/ms. www.national.com 16 |