| データシートサーチシステム |
|
TUSB3410 データシート(PDF) 84 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TUSB3410 データシート(HTML) 84 Page - Texas Instruments |
|
84 / 92 page ![]() 11–14 Table 11–9. Bootcode Response to Control Read Transfer CONTROL READ ACTION IN BOOTCODE Get status of device Return power and remote wakeup settings Get status of interface Return 2 bytes of zeros Get status of endpoint Return endpoint status Get descriptor of device Return device descriptor Get descriptor of configuration Return configuration descriptor Get descriptor of string Return string descriptor Get descriptor of interface Stall Get descriptor of endpoint Stall Get configuration Return bConfiguredNumber value Get interface Return bInterfaceNumber value Setup (0) IN(1) INT Setup Stage Status Stage 1.Hardware generates interrupt to MCU. 2.Hardware sets NAK on both endpoints. 3.Set DIR bit in USBCTL to indicate the data directory. 3.Decode the setup packet 4.If another setup packet arrives, abandon this one. 5.Executes appropriate routines. a) Clear NAK bit in IN endpoint. b) Keep a note so IN interrupt routine can take proper action to the request. 1.Hardware does NOT generates interrupt to MCU. Figure 11–2. Control Write Transfer Without Data Stage Table 11–10. Bootcode Response to Control Write Without Data Stage CONTROL WRITE WITHOUT DATA STAGE ACTION IN BOOTCODE Clear feature of device Stall Clear feature of interface Stall Clear feature of endpoint Clear endpoint stall Set feature of device Stall Set feature of interface Stall Set feature of endpoint Stall endpoint Set address Set device address Set descriptor Stall Set configuration Set bConfiguredNumber Set interface SetbInterfaceNumber Sync. frame Stall |