データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CPC7557N データシート(PDF) 2 Page - IXYS Corporation

部品番号 CPC7557N
部品情報  Monolithic Construction
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IXYS [IXYS Corporation]
ホームページ  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7557N データシート(HTML) 2 Page - IXYS Corporation

  CPC7557N Datasheet HTML 1Page - IXYS Corporation CPC7557N Datasheet HTML 2Page - IXYS Corporation CPC7557N Datasheet HTML 3Page - IXYS Corporation CPC7557N Datasheet HTML 4Page - IXYS Corporation CPC7557N Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
R04
www.ixysic.com
2
CPC7557
1
Specifications
1.1 Package Pinout
1.2 Pin Description
1.3 Absolute Maximum Ratings
Unless Otherwise Specified all electrical ratings are at 25
C
1 Derate package for P
DISS 120C/W.
Absolute maximum ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
N/C
N/C
N/C
-
+
1
4
5
8
N/C
B
A
Pin#
Name
Description
1
Negative Bridge Output
2N/C
No Connection
3N/C
No Connection
4+
Positive Bridge Output
5A
Input A
6N/C
No Connection
7N/C
No Connection
8B
Input B
Parameter
Symbol
Minimum
Maximum
Units
Reverse Voltage
VRRM
-
120
V
Diode Forward Current (Average)
IF
-
250
mArms
Diode Forward Surge Current
IFSM
-2
A
Fusing Current
I2t
-0.02
A2s
ESD, Human Body Model
--
3
kV
Junction Temperature 1
TJ
-+150
C
Storage Temperature
TSTG
-65
+150
C



Html Pages

1 2 3 4 5