| データシートサーチシステム |
|
MS6282 データシート(PDF) 7 Page - MOSA ELECTRONICS |
|
|
|||||||||||||||||||||||||||||
MS6282 データシート(HTML) 7 Page - MOSA ELECTRONICS |
|
7 / 15 page ![]() MOSA MS6282 Volume Controller with soft step IC V1.1 7/15 www.mosanalog.com BUS INTERFACE Data are transmitted to and from the MCU to the MS6282 via the SDA and SCL. The SDA and SCL make up the BUS interface. It should be noted that pull-up resistors must be connected to the positive supply voltage. Interface protocol The format consists of the following •A START condition •A chip address byte including the MS6282 address. (7bits) •The 8 th bit of the byte must be “0”. •The MS6282 must always acknowledge the end of each transmitted byte. •A data sequence (N-bytes + Acknowledge) •A STOP condition Chip Address The chip address of the MS6282 is 88H. 1 0 0 0 0 0 1 0 MS6282 address |