データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PEEP データシート(PDF) 7 Page - MERITEK ELECTRONICS CORPORATION

部品番号 PEEP
部品情報  Conductive Polymer Aluminum Solid Capacitor (Radial Type)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MERITEK [MERITEK ELECTRONICS CORPORATION]
ホームページ  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

PEEP データシート(HTML) 7 Page - MERITEK ELECTRONICS CORPORATION

  PEEP Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 4Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 5Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 6Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 7Page - MERITEK ELECTRONICS CORPORATION PEEP Datasheet HTML 8Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Rev. 7
Conductive Polymer Aluminum
Solid Capacitor (Radial Type)
MERITEK
PEEP Series
f. Handling of capacitors after soldering
(1) Do not incline, bend, and twist capacitors.
(2) Do not grab capacitors as a handle to carry the printed circuit board.
(3) Do not hit objects against capacitors. When printed circuit boards are piled up, do not make them and/or
other components be in contact with capacitors.
(4) Do not drop printed circuit boards with capacitors installed.
g. Cleaning of printed circuit board
As long As the cleaning agents prescribed in the catalogue or specification sheets are used,
the cleaning does not give the capacitors any damage. For CFCs substitutions and other
cleaning agents, consult us before actual use.
h. Fixing and coating materials
Contact us for fixing and coating materials appropriate for capacitors and their heat curing
conditions.
4. Notes on use of capacitors in unit
a. Never make your fingers contact with the lead wire terminations of capacitors.
b. Do not make lead wire terminations of PEHA series to be in contact with each other through a
conductor. Do not put conductive liquid such as acid and alkali solutions on capacitors.
c. Confirm that the unit including capacitors is placed in proper conditions. Do not place the unit
in the following PEHAs:
(1) PEHA in which they are directly exposed to water, brine, oil or in condensation status.
(2) PEHA filled with poisonous gases including hydrogen sulfide, sulfurous acid, nitrous acid, chlorine and
ammonia.
(3) PEHA to which ultraviolet and /or radial rays are radiated
d. Provide aging for a unit containing capacitors within the period defined for them.
e. It is recommended to use a unit containing capacitors in the normal temperature range of
15
⁰C to 35⁰C and the normal humidity range of 75% or less.
5. Action at emergency
a. At the occurrence of short circuit in PEHA series, some heat is generated from it if the
short-current rather small. If the short current exceeds the above value, the capacitor is
heated excessively. If so, turn off the power of the unit without your face and hands being
close to the capacitors.
Flow Curve



Html Pages

1 2 3 4 5 6 7 8