| データシートサーチシステム |
|
MF-RX012/250 データシート(PDF) 6 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX012/250 データシート(HTML) 6 Page - Bourns Electronic Solutions |
|
6 / 6 page ![]() MF-RX/250 Series Tape and Reel Specifications Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. h w h f d Reel Upper side Tape Lower side User direction of feed t User direction of feed Cross section A - B p p H H1 Reference plane W0 H0 W1 W A B F D0 P0 L H1 P1 h h Taped Component Dimensions - Figure 3 Applies to Models: DIMENSIONS: MM (INCHES) Reel Dimensions - Figure 4 Applies to Models: MF-RX012/250 MF-RX012/250-A MF-RX012/250-C MF-RX012/250-F MF-RX012/250-1 MF-RX012/250-2 MF-RX012/250-T MF-RX014/250 MF-RX014/250-A MF-RX014/250-B MF-RX014-250-T MF-RX012/250 MF-RX012/250-A MF-RX012/250-C MF-RX012/250-F MF-RX012/250-1 MF-RX012/250-2 MF-RX012/250-T MF-RX014/250 MF-RX014/250-A MF-RX014/250-B MF-RX014-250-T |