| データシートサーチシステム |
|
MF-RX012/250-C データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
MF-RX012/250-C データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 6 page ![]() MF-RX/250 Series - Telecom PTC Resettable Fuses Additional Features ■ Ability to withstand AC power cross conditions ■ Assists equipment with meeting ITU-T K.20/K.21/K.45 ■ Assists equipment with meeting Telcordia GR-1089-C Intrabuilding Product Dimensions A B C D E Physical Characteristics Model Max. Max. Nom. Min. Max. Lead Dia. Style Material MF-RX012/250 6.5 11.0 5.1 ± 0.7 4.7 4.6 0.65 1 Sn/Cu (0.256) (0.433) (0.201 ± 0.028) (0.185) (0.181) (0.026) MF-RX012/250U 6.0 10.0 5.1 ± 0.7 4.7 3.8 0.65 2 Sn/Cu (0.236) (0.394) (0.201 ± 0.028) (0.185) (0.150) (0.026) MF-RX014/250 6.5 11.0 5.1 ± 0.7 4.7 4.6 0.65 1 Sn/Cu (0.256) (0.433) (0.201 ± 0.028) (0.185) (0.181) (0.026) MF-RX014/250U 6.0 10.0 5.1 ± 0.7 4.7 3.8 0.65 2 Sn/Cu (0.236) (0.394) (0.201 ± 0.028) (0.185) (0.150) (0.026) MF-RX018/250 11.0 13.6 5.1 ± 0.7 4.7 4.6 0.65 1 Sn/Cu (0.433) (0.535) (0.201 ± 0.028) (0.185) (0.181) (0.026) MF-RX018/250U 10.4 12.6 5.1 ± 0.7 4.7 3.8 0.65 2 Sn/Cu (0.409) (0.496) (0.201 ± 0.028) (0.185) (0.150) (0.026) Packaging options: BULK: 500 pcs. per bag. TAPE & REEL: 1500 pcs. per reel (available binned). DIMENSIONS: MM (INCHES) Typical Part Marking Represents total content. Layout may vary. Thermal Derating Chart - Ihold (Amps) Model Ambient Operating Temperature -40 ºC -20 ºC 0 ºC 23 ºC 40 ºC 50 ºC 60 ºC 70 ºC 85 ºC MF-RX012/250 0.186 0.165 0.143 0.120 0.099 0.088 0.077 0.066 0.050 MF-RX014/250 0.225 0.199 0.172 0.145 0.119 0.106 0.093 0.080 0.060 MF-RX018/250 0.269 0.240 0.211 0.180 0.153 0.138 0.123 0.109 0.087 Itrip is approximately two times Ihold. C D B E A D B E A C Style 1 Style 2 Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. RX012 0 220 S PART IDENTIFICATION YEAR CODE DATE CODE MANUFACTURER'S TRADEMARK LOCATION CODE: S = CHINA |