| データシートサーチシステム |
|
COP8SCR9LVA7 データシート(PDF) 68 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
COP8SCR9LVA7 データシート(HTML) 68 Page - National Semiconductor (TI) |
|
68 / 80 page ![]() 19.0 Instruction Set (Continued) INC A INCrement A A ←A+ 1 DEC A DECrement A A ←A− 1 LAID Load A InDirect from ROM A ←ROM (PU,A) DCOR A Decimal CORrect A A ←BCD correction of A (follows ADC, SUBC) RRC A Rotate A Right thru C C →A7→…→A0→C RLC A Rotate A Left thru C C ←A7←…←A0←C, HC←A0 SWAP A SWAP nibbles of A A7…A4 ↔A3…A0 SC Set C C ←1, HC←1 RC Reset C C ←0, HC←0 IFC IF C IF C is true, do next instruction IFNC IF Not C If C is not true, do next instruction POP A POP the stack into A SP ←SP + 1, A←[SP] PUSH A PUSH A onto the stack [SP] ←A, SP←SP − 1 VIS Vector to Interrupt Service Routine PU ←[VU], PL←[VL] JMPL Addr. Jump absolute Long PC ←ii (ii = 15 bits, 0 to 32k) JMP Addr. Jump absolute PC9…0 ←i (i = 12 bits) JP Disp. Jump relative short PC ←PC+r(ris−31 to +32, except 1) JSRL Addr. Jump SubRoutine Long [SP] ←PL, [SP−1]←PU,SP−2, PC←ii JSR Addr. Jump SubRoutine [SP] ←PL, [SP−1]←PU,SP−2, PC9…0←i JSRB Addr Jump SubRoutine Boot ROM [SP] ←PL, [SP−1]←PU,SP−2, PL ←Addr,PU←00, switch to flash JID Jump InDirect PL ←ROM (PU,A) RET RETurn from subroutine SP + 2, PL ←[SP], PU←[SP−1] RETSK RETurn and SKip SP + 2, PL ←[SP],PU←[SP−1], skip next instruction RETI RETurn from Interrupt SP + 2, PL ←[SP],PU←[SP−1],GIE←1 INTR Generate an Interrupt [SP] ←PL, [SP−1]←PU, SP−2, PC←0FF NOP No OPeration PC ←PC+1 www.national.com 68 |