データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC1210 データシート(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DAC1210
部品情報  12-Bit, uP Compatible, Double-Buffered D to A Converters
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC1210 データシート(HTML) 8 Page - National Semiconductor (TI)

Back Button DAC1210 Datasheet HTML 4Page - National Semiconductor (TI) DAC1210 Datasheet HTML 5Page - National Semiconductor (TI) DAC1210 Datasheet HTML 6Page - National Semiconductor (TI) DAC1210 Datasheet HTML 7Page - National Semiconductor (TI) DAC1210 Datasheet HTML 8Page - National Semiconductor (TI) DAC1210 Datasheet HTML 9Page - National Semiconductor (TI) DAC1210 Datasheet HTML 10Page - National Semiconductor (TI) DAC1210 Datasheet HTML 11Page - National Semiconductor (TI) DAC1210 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Application Hints (Continued)
14 Left-Justified Data Format
It is important to realize that the input registers of these
DACs are arranged to accept a left-justified data word from
the microprocessor with the most significant 8 bits coming
first (Byte 1) and the lower 4 bits second Left justification
simply means that the binary point is assumed to be located
to the left of the most significant bit
Figure 3 shows how the
12 bits of DAC data should be arranged in 2 8-bit registers
of an 8-bit processor before being written to the DAC
TLH5690-10
X e don’t care
FIGURE 3 Left-Justified Data Format
15 16-Bit Data Bus Interface
The DAC1208 series provides all 12 digital input lines to
permit a direct parallel interface to a 16-bit data bus In this
instance double buffering is not always necessary (unless a
simultaneous updating of several DACs or a data transfer
via an external strobe is desired) so the 12-bit DAC register
can be wired to flow-through whereby its Q outputs always
reflect the state of its D inputs The external connections
required and the timing diagram for this single buffered ap-
plication are shown in
Figure 4 Note that either left or right-
justified data from the processor can be accommodated
with a 16-bit data bus
16 Flow-Through Operation
Through primarily designed to provide microprocessor inter-
face compatibility the MICRO-DACs can easily be config-
ured to allow the analog output to continuously reflect the
state of an applied digital input This is most useful in appli-
Interface Timing
TLH5690-11
XFER and WR2 grounded Byte 1Byte 2 tied to VCC
FIGURE 4 16-Bit Data Bus Interface for the DAC1208 Series
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18