| データシートサーチシステム |
|
ZC830ATA データシート(PDF) 2 Page - Zetex Semiconductors |
|
|
|||||||||||||||||||||||||||||
ZC830ATA データシート(HTML) 2 Page - Zetex Semiconductors |
|
2 / 6 page ![]() 830 SERIES SEMICO NDUC TORS ISSUE 8 - MARCH 2005 2 PART Capacitance (pF) VR=2V, f=1MHz Min Q VR=3V f=50MHz Capacitance Ratio C2 /C20 at f=1MHz MIN. NOM. MAX. MIN. MAX. 829A 7.38 8.2 9.02 250 4.3 5.8 829B 7.79 8.2 8.61 250 4.3 5.8 830A 9.0 10.0 11.0 300 4.5 6.0 830B 9.5 10.0 10.5 300 4.5 6.0 831A 13.5 15.0 16.5 300 4.5 6.0 831B 14.25 15.0 15.75 300 4.5 6.0 832A 19.8 22.0 24.2 200 5.0 6.5 832B 20.9 22.0 23.1 200 5.0 6.5 833A 29.7 33.0 36.3 200 5.0 6.5 833B 31.35 33.0 34.65 200 5.0 6.5 834A 42.3 47.0 51.7 200 5.0 6.5 834B 44.65 47.0 49.35 200 5.0 6.5 835A 61.2 68.0 74.8 100 5.0 6.5 835B 64.6 68.0 71.4 100 5.0 6.5 836A 90.0 100.0 110.0 100 5.0 6.5 TUNING CHARACTERISTICS at Tamb = 25 °C PARAMETER SYMBOL MAX UNIT Forward current IF 200 mA Power dissipation at Tamb =25 C SOT23 Ptot 330 mW Power dissipation at Tamb =25 C SOD323 Ptot 330 mW Power dissipation at Tamb =25 C SOD523 Ptot 250 mW Operating and storage temperature range -55 to +150 C ABSOLUTE MAXIMUM RATINGS PARAMETER CONDITIONS MIN. TYP. MAX. UNIT Reverse breakdown voltage IR = 10uA 25 V Reverse voltage leakage VR = 20V 0.2 20 nA Temperature coefficient of capacitance VR = 3V, f = 1MHz 300 400 ppCm/ C ELECTRICAL CHARACTERISTICS at Tamb = 25 °C |