| データシートサーチシステム |
|
DM54LS373 データシート(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54LS373 データシート(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 8 page ![]() TLF6431 May 1992 DM54LS373DM74LS373 DM54LS374DM74LS374 TRI-STATE Octal D-Type Transparent Latches and Edge-Triggered Flip-Flops General Description These 8-bit registers feature totem-pole TRI-STATE outputs designed specifically for driving highly-capacitive or relative- ly low-impedance loads The high-impedance state and in- creased high-logic level drive provide these registers with the capability of being connected directly to and driving the bus lines in a bus-organized system without need for inter- face or pull-up components They are particularly attractive for implementing buffer registers IO ports bidirectional bus drivers and working registers (Continued) Features Y Choice of 8 latches or 8 D-type flip-flops in a single package Y TRI-STATE bus-driving outputs Y Full parallel-access for loading Y Buffered control inputs Y P-N-P inputs reduce D-C loading on data lines Connection Diagrams Dual-In-Line Packages ’LS373 TLF6431 – 1 Order Number DM54LS373J DM54LS373W DM74LS373N or DM74LS373WM See NS Package Number J20A M20B N20A or W20A ’LS374 TLF6431 – 2 Order Number DM54LS374J DM54LS374W DM74LS374WM or DM74LS374N See NS Package Number J20A M20B N20A or W20A TRI-STATE is a registered trademark of National Semiconductor Corp C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
同様の部品番号 - DM54LS373 |
|
同様の説明 - DM54LS373 |