データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM54LS502 データシート(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DM54LS502
部品情報  8-Bit Successive Approximation Register
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54LS502 データシート(HTML) 4 Page - National Semiconductor (TI)

  DM54LS502 Datasheet HTML 1Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 2Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 3Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 4Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 5Page - National Semiconductor (TI) DM54LS502 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Truth Table
Time
Inputs
Outputs
tn
DS
QD
Q7
Q6
Q5
Q4
Q3
Q2
Q1
Q0
CC
0
X
L
XXXXXXXXXX
1
D7
H
X
L
HHHHHHHH
2
D6
H
D7
D7
L
HHHHHHH
3
D6
H
D6
D7
D6
L
HHHHHH
4
D4
H
D5
D7
D6
D5
L
HHHHH
5
D3
H
D4
D7
D6
D5
D4
L
HHHH
6
D2
H
D3
D7
D6
D5
D4
D3
L
H
H
H
7
D1
H
D2
D7
D6
D5
D4
D3
D2
L
H
H
8
D0
H
D1
D7
D6
D5
D4
D3
D2
D1
L
H
9
X
H
D0D7D6D5D4D3D2D1D0
L
10
X
H
X
D7
D6
D5
D4
D3
D2
D1
D0
L
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Logic Diagram
TLF10189 – 3
Note
Cell logic is repeated for register stages Q5 to Q1
4



Html Pages

1 2 3 4 5 6