データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74LS33 データシート(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74LS33
部品情報  QUADRUPLE 2-INPUT POSITIVE-NOR BUFFERS WITH OPEN-COLLECTOR OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LS33 データシート(HTML) 5 Page - Texas Instruments

  SN74LS33 Datasheet HTML 1Page - Texas Instruments SN74LS33 Datasheet HTML 2Page - Texas Instruments SN74LS33 Datasheet HTML 3Page - Texas Instruments SN74LS33 Datasheet HTML 4Page - Texas Instruments SN74LS33 Datasheet HTML 5Page - Texas Instruments SN74LS33 Datasheet HTML 6Page - Texas Instruments SN74LS33 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS33DR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LS33NSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7