データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DP5380V データシート(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
部品番号 DP5380V
部品情報  Asynchronous SCSI Interface (ASI)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NSC [National Semiconductor (TI)]
ホームページ  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP5380V データシート(HTML) 19 Page - National Semiconductor (TI)

Back Button DP5380V Datasheet HTML 15Page - National Semiconductor (TI) DP5380V Datasheet HTML 16Page - National Semiconductor (TI) DP5380V Datasheet HTML 17Page - National Semiconductor (TI) DP5380V Datasheet HTML 18Page - National Semiconductor (TI) DP5380V Datasheet HTML 19Page - National Semiconductor (TI) DP5380V Datasheet HTML 20Page - National Semiconductor (TI) DP5380V Datasheet HTML 21Page - National Semiconductor (TI) DP5380V Datasheet HTML 22Page - National Semiconductor (TI) DP5380V Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
100 AC Electrical Characteristics
all parameters are preliminary and subject to change without notice (Continued)
Symbol
Parameter
DP5380
Units
Min
Typ
Max
ahr
Address Hold from End of Read Enable (Note 1)
10
ns
ahw
Address Hold from End of Write Enable (Note 2)
10
ns
as
Address Setup to Read or Write Enable (Notes 1 2)
10
ns
csh
CS Hold from End of RD or WR
0
ns
dhr
Data Hold from End of Read Enable (Notes 1 3)
10
60
ns
dhw
m
P Data Hold Time from End of WR
20
ns
dsw
Data Setup to End of Write Enable
50
ns
rdv
Data Valid from Read Enable (Note 1)
100
ns
ww
Write Enable Width (Note 2)
60
ns
Note 1
Read enable (mP) is CS and RD active
Note 2
Write enable (mP) is CS and WR active
Note 3
This includes the RC delay inherent in the tests’ method These signals typically turn off after 25 ns enabling other devices to drive these lines with no
contention
103 mP WRITE
TLF9756 – 14
104 mP READ
TLF9756 – 15
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32