| データシートサーチシステム |
|
ADS8370IBRHPR データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS8370IBRHPR データシート(HTML) 21 Page - Texas Instruments |
|
21 / 35 page ![]() www.ti.com ADS8370 REFM REFIN REFOUT AGND 0.1 mF 1 mF ADS8370 REFM REFIN REFOUT AGND 0.1 mF 1 mF REF3240 22 mF 50 W AGND ADS8370 AGND +VA _ + 53 W 53 W 40 pF 40 pF +IN −IN AGND ANALOG INPUT ADS8370 SLAS450 – JUNE 2005 PRINCIPLES OF OPERATION (continued) Figure 48. ADS8370 Using Internal Reference The REFIN pin is also internally buffered. This eliminates the need to put a high bandwidth buffer on the board to drive the ADC reference and saves system area and power. When an external reference is used, the reference must be of low noise, which may be achieved by the addition of bypass capacitors from the REFIN pin to the REFM pin. See Figure 49 for operation of the ADS8370 with an external reference. REFM must be connected to the analog ground plane. Figure 49. ADS8370 Using External Reference Figure 50. Simplified Analog Input When the converter enters hold mode, the voltage difference between the +IN and –IN inputs is captured on the internal capacitor array. The +IN input has a range of –0.2 V to (+VREF + 0.2 V), whereas the –IN input has a range of –0.2 V to +0.2 V. The input span [+IN – (–IN)] is limited from 0 V to VREF. The input current on the analog inputs depends upon throughput and the frequency content of the analog input 21 Submit Documentation Feedback |