| データシートサーチシステム |
|
CC1050-RTR1 データシート(PDF) 18 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
CC1050-RTR1 データシート(HTML) 18 Page - Texas Instruments |
|
18 / 40 page ![]() CC1050 SWRS044 Page 18 of 40 The CAL_COMPLETE bit can also be monitored at the CHP_OUT (LOCK) pin (configured by LOCK_SELECT[3:0]) and used as an interrupt input to the microcontroller. The CAL_START bit must be set to 0 by the microcontroller after the calibration is done. There are separate calibration values for the two frequency registers. If the two frequencies, A and B, differ more than 1 MHz, or different VCO currents are used (VCO_CURRENT[3:0] in the CURRENT register) the calibration should be done separately. The CAL_DUAL bit in the CAL register controls dual or separate calibration. The single calibration algorithm using separate calibration for two frequencies is illustrated in Figure 11. In Figure 12 the dual calibration algorithm is shown. Not Recommended for New Designs |