| データシートサーチシステム |
|
DP83266 データシート(PDF) 86 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83266 データシート(HTML) 86 Page - National Semiconductor (TI) |
|
86 / 152 page ![]() 70 Control Information (Continued) Frame Received Counter (FRCT) The Frame Received Counter (FRCT) is specified in the FDDI MAC Standard It is the count of all complete frames received including MAC frames Void frames and frames stripped by this station Interrupts are available on increment (CILRFRRCV) and when the 20-bit counter overflows and wraps around (COLRFRRCV) Access Rules Address Read Write 0A0–0A3h Always Stop Mode Register Bits D7 D6 D5 D4 D3 D2 D1 D0 FRCT0 Zero Zero Zero Zero Zero Zero Zero Zero FRCT1 Zero Zero Zero Zero CT19 CT18 CT17 CT16 FRCT2 CT15 CT14 CT13 CT12 CT11 CT10 CT9 CT8 FRCT3 CT7 CT6 CT5 CT4 CT3 CT2 CT1 CT0 Error Isolated Counter (EICT) The Error Isolated Counter (EICT) is specified in the FDDI MAC Standard It is the count of all error frames detected by this station and no previous station It is incremented when 1 an FCS error is detected and the received Error Indicator (Er) is not equal to S or 2 a frame of invalid length (ie off-boundary T) is received and Er is not equal to S or 3 Er is not R or S Interrupts are available on increment (CILRFREI) and when the 20-bit counter overflows and wraps around (COLRFREI) Access Rules Address Read Write 0A4–0A7h Always Stop Mode Register Bits D7 D6 D5 D4 D3 D2 D1 D0 EICT0 Zero Zero Zero Zero Zero Zero Zero Zero EICT1 Zero Zero Zero Zero CT19 CT18 CT17 CT16 EICT2 CT15 CT14 CT13 CT12 CT11 CT10 CT9 CT8 EICT3 CT7 CT6 CT5 CT4 CT3 CT2 CT1 CT0 86 |