| データシートサーチシステム |
|
74FST3384 データシート(PDF) 7 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
74FST3384 データシート(HTML) 7 Page - ON Semiconductor |
|
7 / 8 page ![]() 74FST3384 http://onsemi.com 7 PACKAGE DIMENSIONS TSSOP–24 DT SUFFIX CASE 948H–01 ISSUE A DIM MIN MAX MIN MAX INCHES MILLIMETERS A 7.70 7.90 0.303 0.311 B 4.30 4.50 0.169 0.177 C --- 1.20 --- 0.047 D 0.05 0.15 0.002 0.006 F 0.50 0.75 0.020 0.030 G 0.65 BSC 0.026 BSC H 0.27 0.37 0.011 0.015 J 0.09 0.20 0.004 0.008 J1 0.09 0.16 0.004 0.006 K 0.19 0.30 0.007 0.012 K1 0.19 0.25 0.007 0.010 L 6.40 BSC 0.252 BSC M 0 8 0 8 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. ___ _ S U 0.15 (0.006) T 2X L/2 S U M 0.10 (0.004) V S T L –U– SEATING PLANE 0.10 (0.004) –T– SECTION N–N DETAIL E J J1 K K1 DETAIL E F M –W– 0.25 (0.010) 13 24 12 1 PIN 1 IDENT. H G A D C B S U 0.15 (0.006) T –V– 24X REF K N N |