データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD74FCT240 データシート(PDF) 8 Page - Texas Instruments

部品番号 CD74FCT240
部品情報  BiCMOS OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT240 データシート(HTML) 8 Page - Texas Instruments

Back Button CD74FCT240_16 Datasheet HTML 4Page - Texas Instruments CD74FCT240_16 Datasheet HTML 5Page - Texas Instruments CD74FCT240_16 Datasheet HTML 6Page - Texas Instruments CD74FCT240_16 Datasheet HTML 7Page - Texas Instruments CD74FCT240_16 Datasheet HTML 8Page - Texas Instruments CD74FCT240_16 Datasheet HTML 9Page - Texas Instruments CD74FCT240_16 Datasheet HTML 10Page - Texas Instruments CD74FCT240_16 Datasheet HTML 11Page - Texas Instruments CD74FCT240_16 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.ti.com
PACKAGE OUTLINE
C
TYP
10.63
9.97
2.65 MAX
18X 1.27
20X 0.51
0.31
2X
11.43
TYP
0.33
0.10
0 - 8
0.3
0.1
0.25
GAGE PLANE
1.27
0.40
A
NOTE 3
13.0
12.6
B
7.6
7.4
4220724/A 05/2016
SOIC - 2.65 mm max height
DW0020A
SOIC
NOTES:
1. All linear dimensions are in millimeters. Dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.15 mm per side.
4. This dimension does not include interlead flash. Interlead flash shall not exceed 0.43 mm per side.
5. Reference JEDEC registration MS-013.
1
20
0.25
C A B
11
10
PIN 1 ID
AREA
NOTE 4
SEATING PLANE
0.1 C
SEE DETAIL A
DETAIL A
TYPICAL
SCALE 1.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12