| データシートサーチシステム |
|
DP83850CVF データシート(PDF) 21 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83850CVF データシート(HTML) 21 Page - National Semiconductor (TI) |
|
21 / 37 page ![]() 21 www.national.com 5.0 DP83850C Applications 5.1 MII Interface Connections The DP83850C's interface to DP83840A PHY devices is fully described in the Application Note – AN1069 "100BASE-TX Unmanaged Repeater Design Recommen- dations". Designers should be aware that there are signifi- cant issues involved in the signal timing, loading and layout of this interface and they should consult this Applica- tion Note and/or their National Semiconductor representa- tive prior to attempting a design. Further system timing analysis shows that the RXD[3:0], RX_DV and RX_ER sig- nals should be latched into the DP83850C from the con- nected DP83840s. Figure 5 shows the recommended scheme. This ensures system timing can be met for hub stacks. 5.2 Repeater ID Interface The repeater ID interface is shown in Figure 6. It consists of a bank of DIP switches or links to set the RID number for the DP83850C to use as its IR_VECT[4:0] number. 5.3 Inter Repeater Bus Connections For a simple stand-alone repeater that cannot be stacked, no inter repeater bus transceivers/drivers are required and the inter repeater bus interface is simple. An example of this is shown in Figure 7. For a stackable hub design, the DP83850C's Inter Repeater Bus connections are complex and have many issues regarding signal timing, loading and layout. An example design for a TTL level inter repeater bus is given in Figure 8. It should be noted that this is a single example of possible connections to an inter repeater bus. There are many other possible ways to design this interface. Design- ers should be aware that timing, particularly skew between clock and data, is critical. For this reason, the use of LS, S, TTL, or CMOS logic drivers is not recommended. The ABT family of logic is recommended, as well as the FAST® fam- ily could possibly be made to work too. Also recommended Figure 5. Recommended DP83840A to DP83850C Connections RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK DP83840A 100PHY #0 RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK DP83840A 100PHY #1 RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK DP83840A 100PHY #11 'ABT541 'ABT541 'ABT541 'ABT174 'F04 DP83850C 100RIC DQ RXD0 RXD1 RXD2 RXD3 RX_DV RX_ER RX_CLK T T T T T T T T T T = AC Termination - see AN-1069 /MR RXE11 RXE0 P = Pull -Downs, 1.2k ohms P P P P P P P |