| データシートサーチシステム |
|
COP8CCR9LVA7/NOPB データシート(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
COP8CCR9LVA7/NOPB データシート(HTML) 21 Page - Texas Instruments |
|
21 / 111 page ![]() COP8CBR9, COP8CCR9, COP8CDR9 www.ti.com SNOS535I – OCTOBER 2000 – REVISED MARCH 2013 Figure 4-4. I/O Port Configurations—Input Mode 4.1 EMULATION CONNECTION Connection to the emulation system is made via a 2 x 7 connector which interrupts the continuity of the RESET, G0, G1, G2 and G3 signals between the COP8 device and the rest of the target system (as shown in Figure 4-5). This connector can be designed into the production pc board and can be replaced by jumpers or signal traces when emulation is no longer necessary. The emulator will replicate all functions of G0 - G3 and RESET. For proper operation, no connection should be made on the device side of the emulator connector. Figure 4-5. Emulation Connection Copyright © 2000–2013, Texas Instruments Incorporated Pin Descriptions 21 Submit Documentation Feedback Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9 |