| データシートサーチシステム |
|
DP83848JSQ/NOPB データシート(PDF) 39 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83848JSQ/NOPB データシート(HTML) 39 Page - Texas Instruments |
|
39 / 84 page ![]() DP83848H, DP83848J, DP83848K, DP83848M, DP83848T www.ti.com SNLS250E – MAY 2008 – REVISED APRIL 2015 Table 6-6. 4B5B Code-Group Encoding/Decoding DATA CODES 0 11110 0 1 1001 1 2 10100 10 3 10101 11 4 1010 100 5 1011 101 6 1110 110 7 1111 111 8 10010 1000 9 10011 1001 A 10110 1010 B 10111 1011 C 11010 1100 D 11011 1101 E 11100 1110 F 11101 1111 IDLE AND CONTROL CODES H 100 HALT code-group - Error code I 11111 Inter-Packet IDLE - 0000(1) J 11000 First Start of Packet - 0101 (1) K 10001 Second Start of Packet - 0101 (1) T 1101 First End of Packet - 0000(1) R 111 Second End of Packet - 0000(1) INVALID CODES V 0 V 1 V 10 V 11 V 101 V 110 V 1000 V 1100 (1) Control code-groups I, J, K, T and R in data fields will be mapped as invalid codes, together with RX_ER asserted. 6.5.1.1.1 Code-Group Encoding and Injection The code-group encoder converts 4-bit (4B) nibble data generated by the MAC into 5-bit (5B) code-groups for transmission. This conversion is required to allow control data to be combined with packet data code- groups. Refer to for 4B to 5B code-group mapping details. The code-group encoder substitutes the first 8- bits of the MAC preamble with a J/K code-group pair (11000 10001) upon transmission. The code-group encoder continues to replace subsequent 4B preamble and data nibbles with corresponding 5B code-groups. At the end of the transmit packet, upon the deassertion of Transmit Enable signal from the MAC, the code-group encoder injects the T/R code-group pair (01101 00111) indicating the end of the frame. After the T/R code-group pair, the code-group encoder continuously injects IDLEs into the transmit data stream until the next transmit packet is detected (reassertion of Transmit Enable). Copyright © 2008–2015, Texas Instruments Incorporated Detailed Description 39 Submit Documentation Feedback Product Folder Links: DP83848H DP83848J DP83848K DP83848M DP83848T |